PART |
Description |
Maker |
KBPC10005-KBPC1010 KBPC15005-KBPC1510 KBPC25005-KB |
Silicon Passivated Table Bridge Rectifiers
|
HY
|
MP6005G-MP610G |
Glass Passivated Table Bridge Rectifiers
|
HY
|
BR8005-BR810 BR802 BR806 |
SILICON BRIDGE RECTIFIERS Silicon Passivated Table Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
GL34M GL34A GL34B GL34D GL34G GL34J GL34K |
From old datasheet system MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
FORMOSA[Formosa MS]
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
DL4003-13-F DL4004-13-F DL4001-13-F DL4002-13-F DL |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
GBPC3501W GBPC3510W GBPC35005 GBPC35005W GBPC3501 |
600V; 35A glass passivated bridge rectifier HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes) Dual Audio Operational Amplifier 8-TSSOP -40 to 85 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35A GLASS PASSIVATED BRIDGE RECTIFIER 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Pan Jit International Inc. DIODES[Diodes Incorporated] Diodes, Inc.
|
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
HSM106 HSM101 HSM102 HSM103 HSM104 HSM105 |
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere) 1 A, 50 V, SILICON, SIGNAL DIODE
|
RECTRON[Rectron Semiconductor]
|